Part Number Hot Search : 
1SMA11 GA48V UPD16782 UPD161 FCQ10A04 337JZTR XP6115 5230B
Product Description
Full Text Search
 

To Download EPC3248G-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power over Ethernet (PoE/PD) Flyback Transformer
ELECTRONICS INC.
EPC3248G-X & EPC3248G-X-LF
* Used in SMPS DC/DC Converter as a Flyback Transformer in PoE/Powered Devices (PD) * Switching Frequency : 300 KHz to 400 KHz * Add "-LF" after part number for Lead Free * 40 % Duty Cycle Typ. @ 48 V Input * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Low Core Loss Material
Electrical Specifications @ 25C
Part Number EPC3248G-1 EPC3248G-2 EPC3248G-3 EPC3248G-4 EPC3248G-5 EPC3248G-6 EPC3248G-7 EPC3248G-8 EPC3248G-9 EPC3248G-10 EPC3248G-11 EPC3248G-12 EPC3248G-13 EPC3248G-14 EPC3248G-15
Chipset
DPA425 DPA425 DPA425 DPA423 DPA423 DPA423 DPA424 DPA424 DPA424 DPA424/5 DPA424/5 DPA424/5 DPA426 DPA426 DPA426
PD Class Voltage Primary OCL Current Power Usage (Vdc) (H 10%) (Amp.) (Watts) @ 300 KHz, Fb Fb 0.1 Vrms V In V Out Bias Min. Max. Sec 1 Bias 0 0.44 12.95 Default 36-57 3.3 13.2 120 3.92 .050 0 0.44 12.95 Default 36-57 5.0 13.33 120 2.59 .050 0 0.44 12.95 Default 36-57 12.0 12.0 120 1.08 .050 1 0.44 3.84 Optional 36-57 3.3 13.2 200 1.16 .050 1 0.44 3.84 Optional 36-57 5.0 13.33 200 0.77 .050 1 0.44 3.84 Optional 36-57 12.0 12.0 200 0.32 .050 2 3.84 6.49 Optional 36-57 3.3 13.2 120 1.97 .050 2 3.84 6.49 Optional 36-57 5.0 13.0 120 1.30 .050 2 3.84 6.49 Optional 36-57 12.0 12.0 120 0.54 .050 3 6.49 12.95 Optional 36-57 3.3 13.2 120 3.92 .050 3 6.49 12.95 Optional 36-57 5.0 13.2 120 2.59 .050 3 6.49 12.95 Optional 36-57 12.0 12.0 120 1.08 .050 4(PoEP) Reserved Reserved 36-57 3.3 13.2 25 12.12 .050 4(PoEP) Reserved Reserved 36-57 5.0 13.2 25 8.0 .050 4(PoEP) Reserved Reserved 36-57 12.0 12.0 25 3.33 .050 * Isolation : Pri., Bias to Sec. ; 1500 Vrms * Isolation : Pri. to Bias ; 500 Vrms *
PoE Class
Package Type ER14.5 ER14.5 ER14.5 ER9.5 ER9.5 ER9.5 ER11 ER11 ER11 ER14.5 ER14.5 ER14.5 EFD20 EFD20 EFD20
Schematic
1 1 1 2 2 2 1 1 1 1 1 1 3 3 3
Note : Class 4 is currently reserved for Power over Ethernet Plus (PoEP) and should not be used at this time.
Notes : 1. Assembly Process (Solder Composition) 2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
EPC3248-X SnPb 225C 1 (Unlimited, 30C/60%RH) TBD grams (Tube) TBD pcs / tube
EPC3248-X-LF Pb-Free 260C 1 (Unlimited, 30C/60%RH) TBD grams TBD pcs / tube
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
4. Weight 5. Packaging Information
Schematic 1
1 V In (Pins 1-3) [36-57 Vdc] 10 2 3 Fb/Bias [13.2 V/0.05 A] 4 6 5 9 Sec. 1 7 V In [36-57 Vdc] Fb/Bias [13.2 V/0.05 A] 1 2 3 4
Schematic 2
Schematic 3 (Reserved for Class 4 PoEP)
1 8 7 Sec. 1 6 5 V In (Pins 1-3) 2 [36-57 Vdc] 3 5 Fb/Bias [13.2 V/0.05 A] 6 12 11 10 Sec. 1 9 8 7
Note : 1. Input Pins : Pins 1 & 3 2. Connect Pins 9,10 and 6,7 in user board for higher power
Note : 1. Input Pins : Pins 1 & 2 2. Connect Pins 8,7 and 5,6 in user board for higher power
Note : 1. Input Pins : Pins 1 & 3 2. Connect Pins 12,11,10 and 9,8,7 in user board for higher power
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3248G-X & -LFa Rev. 3 9/26/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
Power Over Ethernet (PoE/PD) Flyback Transform
ELECTRONICS INC.
EPC3248G-X & EPC3248G-X-LF
Package ER11
Solder Pad Layout Solder Pad Layout .457 Max. (11.60)
10
PCA EPC3248G-X D.C.
Package ER9.5
Marking : PCA EPC3248G-X D.C.
.417 Max. (10.60)
8 5
.079 (2.00) .319 (8.10) .495 (12.57)
.063 (1.60)
6
Glue to Bobbin
.079 (2.00)
.063 (1.60)
Pin 1 I.D.
1
4
Pin 1 I.D.
.362 (9.20)
5
.520 (13.20)
1
.236 (6.00) .235 Max. (6.00)
.063 (1.60)
.315 (8.00)
.063 (1.60)
.006 (.150)
0-8
.010 (.254)
.244 Max. (6.20) .028 (.700)
.008 (.200) 0-8
.010 (.254)
.028 (.700)
.079 (2.00)
.028 (.725) .455 (11.55)
.079 (2.00)
.024 (.600) .480 (12.20)
Package ER14.5
Marking : PCA EPC3248G-X Date Code .067 (1.70)
Package EFD20 (Reserved for Class 4 PoEP)
Pin 1 I.D.
1
.571 (15.50)
6
.098 (2.50)
.854 Max. (21.70)
12
.028 (.700)
10
Pin 1 I.D.
1 5
.670 Solder Pad (17.02) Layout
.118 .591 (3.00) (15.00)
6 7
.835 Max. (21.20)
.394 (10.00) .014 Max. (.350)
.067 (1.70) .021 (.305)
Side Marking : PCA EPC3248G-X D.C. 0-8
.295 (7.50)
.016 (.400)
.425 Max. (10.80)
0-8
.028 (.700)
.098 (2.50)
.028 (.700) .630 (16.00)
.080 (2.03) 1.055 (26.80)
.010 (.250)
.138 (3.50) .118 (3.00)
1 12
6
7
1.094 (28.60)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3248G-X & -LFb Rev. 3 9/26/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3248G-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X